PART |
Description |
Maker |
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
Micro Commercial Compon...
|
SDR815 SDR812 |
100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER 100 A, 900 V, SILICON, RECTIFIER DIODE, DO-5 100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER 100 A, 600 V, SILICON, RECTIFIER DIODE, DO-5
|
Solid State Devices, Inc.
|
SDR951S1 SDR950S1 |
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier 60 A, 150 V, SILICON, RECTIFIER DIODE 60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier 60 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
SSUM10060 |
Ultra Fast Rectifier (less than 100ns) 100 AMP ULTRAFAST RECTIFIER
|
MICROSEMI[Microsemi Corporation]
|
MBR2020CT MBR2045CT MBR20100CT MBR2080CT MBR2030CT |
20 Amp Schottky Barrier Rectifier 20 to 100 Volts 20 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
MS880 MS8100 MS820 MS830 MS835 MS840 MS845 MS860 |
8 Amp Schottky Barrier Rectifier 20 to 100 Volts 8 A, 40 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
FR156 FR152 FR155 FR153 FR157 FR151 FR154 |
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts 1.5 A, 100 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
MBR1080-BP MBR1030 |
10 A, 80 V, SILICON, RECTIFIER DIODE, TO-220AC 10 Amp Schottky Barrier Rectifier 20 to 100 Volts
|
MICRO COMMERCIAL COMPONENTS Micro Commercial Compon...
|
MBRX120 MBRX130 MBRX180 MBRX140 MBRX160 MBRX1100 |
1.0A, 20V ultra fast recovery rectifier 1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
|
MCC[Micro Commercial Components] 二极射频、小信号、开关、功
|
MBR2540CT MBR2530CT MBR2560CT MBR2520CT MBR2545CT |
RES,THICK FILM,1K OHM,1/16W,1%,SMT,0603 30 A, 40 V, SILICON, RECTIFIER DIODE, TO-220AB 25 Amp Schottky Barrier Rectifier 20 to 100 Volts
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
1N387907 1N3883R 1N3879R 1N381 1N382 1N3882R |
Fast Recovery Rectifier Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 400; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 50; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 300; trr (nsec): 200; VF (V): 1.4; IR (µA): 15;
|
Microsemi Corporation Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
CBR6M-L100M CBR6M-L010M CBR6M-L020M CBR6M-L040M CB |
Leaded Bridge Rectifier General Purpose GLASS PASSIVE JUNCTION SILICON BRIDGE RECTIFIER 6.0 AMP, 100 THRU VOLTS
|
CENTRAL[Central Semiconductor Corp]
|